PART |
Description |
Maker |
HSMS-C265 HSMD-C265 HSMX-C265 HSMY-C265 HSMG-C265 |
反向山采用的ChipLED Agilent HSMx-C265 Surface Mount Chip LEDs HSMH-C265 · Reverse Mount ChipLED HSMS-C265 · Reverse Mount ChipLED HSMD-C265 · Reverse Mount ChipLED HSMY-C265 · Reverse Mount ChipLED HSMG-C265 · Reverse Mount ChipLED
|
http:// HP[Agilent(Hewlett-Packard)] AVAGO TECHNOLOGIES LIMITED Agilent (Hewlett-Packard)
|
GUR5H60 GURF5H60 GURB5H60 |
Ultrafast Rectifiers, Forward Current 5.0A, Reverse Voltage 600V, Reverse Recovery Time 30ns
|
VISAY[Vishay Siliconix]
|
FR015L3EZ |
Low-Side Reverse Bias / Reverse Polarity Protector
|
Fairchild Semiconductor
|
UG8JT UGF8JT UGB8HT UG8HT |
Ultrafast Rectifiers, Forward Current 8.0A, Reverse Recovery Time 25ns, Reverse Voltage 500 to 600V
|
VISHAY
|
74AUP1G32GW125 |
Low-power 2-input OR gate; Package: SOT353-1 (TSSOP5); Container: Reel Pack, Reverse, Reverse
|
NXP SEMICONDUCTORS
|
RCR150BX12 RCR150BX16 RCR150BX20 RCR150BX24 FR500A |
THYRISTOR|REVERSE-CONDUCTING|600V V(DRM)|STF-M20 THYRISTOR|REVERSE-CONDUCTING|800V V(DRM)|STF-M20 THYRISTOR|REVERSE-CONDUCTING|1KV V(DRM)|STF-M20 THYRISTOR|REVERSE-CONDUCTING|1.2KV V(DRM)|STF-M20 THYRISTOR|REVERSE-CONDUCTING|600V V(DRM)|TO-200VAR84 晶闸管|反向导电| 600V的五(DRM)的|00VAR84 THYRISTOR|REVERSE-CONDUCTING|600V V(DRM)|TO-200VAR50 THYRISTOR|REVERSE-CONDUCTING|600V V(DRM)|TO-200AB THYRISTOR|REVERSE-CONDUCTING|800V V(DRM)|TO-200VAR50
|
Rochester Electronics, LLC
|
74LVC1G74GM125 |
Single D-type flip-flop with set and reset; positive edge trigger; Package: SOT902-1 (XQFN8U); Container: Reel Pack, Reverse, Reverse
|
NXP SEMICONDUCTORS
|
ARA05050 ARA05050S12CTR |
Analog Miscellaneous 模拟杂项 Reverse Path Amplifiers The ARA05050 is a GaAs IC designed to provide the reverse path amplification and output level control functions in a CATV Set-Top ...
|
ANADIGICS, Inc. Microchip Technology, Inc. Anadigics Inc
|
MCR264-4-D MCR264-4 |
Silicon Controlled Rectifier Reverse Blocking Thyristor(40A400V硅控整流器反向截止晶闸管) 40 A, 200 V, SCR, TO-220AB Silicon Controlled Rectifiers Reverse Blocking Thyristors
|
ON Semiconductor
|
BZT52C10 BZT52C10-7 BZT52C11 BZT52C11-7 BZT52C12 B |
SURFACE MOUNT ZENER DIODE Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 3.9 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 2.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 7.5 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Dual Negative-Edge-Triggered J-K Flip-Flop With Clear And Preset 16-TSSOP -40 to 85 12 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 36 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 20 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 4.7 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????)
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
|